Part Number Hot Search : 
A2S263 LF800 AT250 29F40 RF1S9540 1A102 CLL4745A K354045
Product Description
Full Text Search
 

To Download 1008LS-333XJLC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? coilcraft, inc. 2010 specifications subject to change without notice. please check our website for latest information. chip inductors C 1008ls series (2520) document 103-1 document 103-1 revised 12/14/09 inductance 2 percent srf min 4 dcr max 5 i rms 6 part number 1 (h) tolerance q min 3 (mhz) (ohms) (ma) 1008ls-102xjl_ 1.0 @ 7.9 mhz 5 48 @ 50 mhz 230 0.62 700 1008ls-122xjl_ 1.2 @ 7.9 mhz 5 37 @ 50 mhz 210 0.68 650 1008ls-152xjl_ 1.5 @ 7.9 mhz 5 37 @ 50 mhz 190 0.76 630 1008ls-182xjl_ 1.8 @ 7.9 mhz 5 37 @ 50 mhz 170 0.84 600 1008ls-222xjl_ 2.2 @ 7.9 mhz 5 37 @ 50 mhz 150 1.10 520 1008ls-272xjl_ 2.7 @ 7.9 mhz 5 37 @ 50 mhz 135 1.28 490 1008ls-332xjl_ 3.3 @ 7.9 mhz 5 37 @ 50 mhz 120 1.46 450 1008ls-392xjl_ 3.9 @ 7.9 mhz 5 37 @ 7.9 mhz 105 1.56 420 1008ls-432xjl_ 4.3 @ 7.9 mhz 5 30 @ 7.9 mhz 85 1.70 400 1008ls-472xjl_ 4.7 @ 7.9 mhz 5 32 @ 7.9 mhz 90 1.68 400 1008ls-502xjl_ 5.0 @ 7.9 mhz 5 25 @ 7.9 mhz 30 2.20 360 1008ls-562xjl_ 5.6 @ 7.9 mhz 5 37 @ 7.9 mhz 80 1.82 380 1008ls-622xjl_ 6.2 @ 7.9 mhz 5 32 @ 7.9 mhz 75 2.50 330 1008ls-682xjl_ 6.8 @ 7.9 mhz 5 37 @ 7.9 mhz 70 2.00 360 1008ls-822xjl_ 8.2 @ 7.9 mhz 5 37 @ 7.9 mhz 65 2.65 330 1008ls-912xjl_ 9.1 @ 7.9 mhz 5 37 @ 7.9 mhz 57 2.90 310 1008ls-103xjl_ 10 @ 7.9 mhz 5 37 @ 7.9 mhz 60 2.95 300 1008ls-123xjl_ 12 @ 2.5 mhz 5 28 @ 2.5 mhz 38 3.30 290 1008ls-153xjl_ 15 @ 2.5 mhz 5 34 @ 2.5 mhz 30 3.70 280 1008ls-183xjl_ 18 @ 2.5 mhz 5 28 @ 2.5 mhz 26 4.00 160 1008ls-223xjl_ 22 @ 2.5 mhz 5 20 @ 2.5 mhz 22 6.14 270 1008ls-273xjl_ 27 @ 2.5 mhz 5 24 @ 2.5 mhz 12 6.45 210 1008ls-333xjl_ 33 @ 2.5 mhz 5 22 @ 2.5 mhz 19 7.00 200 1008ls-393xjl_ 39 @ 2.5 mhz 5 33 @ 2.5 mhz 26 10.0 170 1008ls-473xjl_ 47 @ 2.5 mhz 5 20 @ 2.5 mhz 12 10.7 160 1008ls-563xjl_ 56 @ 2.5 mhz 5 20 @ 2.5 mhz 8.0 10.0 170 1008ls-683xjl_ 68 @ 0.79 mhz 5 14 @ 0.79 mhz 5.7 13.5 145 1008ls-104xjl_ 100 @ 0.79 mhz 5 13 @ 0.79 mhz 4.5 20.5 120 1. when ordering, please specify termination and packaging codes: 1008ls-103xj lc termination: l = rohs compliant silver-palladium-platinum-glass frit special order, added cost: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37) packaging: c =7 machine-ready reel. eia-481 embossed plastic tape (2000 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d =13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (7500 parts per full reel). 2. inductance measured using a coilcraft smd-a fixture in an agilent/ hp 4286a impedance analyzer with coilcraft-provided correlation pieces. 3. q measured using an agilent/hp 4291a with an agilent/hp 16193 test fixture. 4. srf measured using an agilent/hp 8753d network analyzer with a coilcraft smd-d fixture. 5. dcr measured on a cambridge technology micro-ohmmeter. 6. current that causes a 15c temperature rise from 25c. because of their open construction, these parts will not saturate. 7. electrical specifications at 25c. refer to doc 362 ?soldering surface mount components? before soldering. for part marking data see color coding section. ? lower dcr than other 1008 inductors ? ferrite construction for high current handling ? inductance values: 1.0 ? 100 h designer?s kit c336 contains 10 of each stocked value core material ceramic/ferrite terminations rohs compliant silver-palladium-platinum-glass frit. other terminations available at additional cost. weight 38.3 ? 41.0 mg ambient temperature ?40c to +85c with i rms current, +85c to +100c with derated current storage temperature component: ?40c to +100c. packaging: ?40c to +80c resistance to soldering heat max three 40 second reflows at +260c, parts cooled to room temperature between cycles temperature coefficient of inductance (tcl) +100 to +350 ppm/c moisture sensitivity level (msl) 1 (unlimited floor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) one per billion hours / one billion hours, calculated per telcordia sr-332 packaging 2000/7 reel; 7500/13 reel. plastic tape: 8 mm wide, 0.3 mm thick, 4 mm pocket spacing, 2.0 mm pocket depth pcb washing only pure water or alcohol recommended request free evaluation samples by contacting coilcraft or visiting www.coilcraft.com.
? coilcraft, inc. 2010 1008ls series (2520) specifications subject to change without notice. please check our website for latest information. document 103-2 document 103-2 revised 12/14/09 typical q vs frequency typical l vs frequency abcd max max max ref e f g h i j 0.115 0.110 0.080 0.020 0.080 0.020 0.060 0.100 0.040 0.050 inches 2,92 2,79 2,03 0,51 2,03 0,51 1,52 2,54 1,02 1,27 mm i i j h a b overall f g e terminal f c d terminal wraparound: approx 0.010/0,25 both ends recommended land pattern pick and place material 1 10 100 1000 110 1000 100 inductance (h) frequency (mhz) 1.8 h 6.8 h 33 h 10 h 68 h 0 10 20 30 40 50 1 10 100 frequency (mhz) q factor 1.8 h 6.8 h 33 h 10 h 68 h


▲Up To Search▲   

 
Price & Availability of 1008LS-333XJLC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X